PART |
Description |
Maker |
LT1587-3.45 LT1587-3.3 LT1587 LT1585-3.45 LT1585-3 |
3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed(3A,低压差,快速响应正输出稳压器(固定和可调输出电压)) From old datasheet system 7A Low Dropout Fast Response Positive Regulator Adjustable 4.6A Low Dropout Fast Response Positive Adjustable and Fixed Regulator 4.6A Low Dropout Fast Response Positive Regulator 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 3A Low Dropout Fast Response Positive 1.5 GTL Regulator
|
Linear Technology Corporation
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
GS1086 GS1086CE2.5 GS1086CE2.85 GS1086CE3.3 GS1086 |
Time-Delay Relay; Contacts:DPDT; Time Range:1 to 10s; Mounting Type:Panel; Timing Function:Delay-On-Dropout; Contact Carrying Power:2VA 1.5A Low Dropout Positive Adjustable Regulator 1.5A的低压差可调稳压器正 1.5A Low Dropout Positive Adjustable Regulator
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Anpec Electronics, Corp. Vishay Intertechnology, Inc.
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
SPX1584 SPX1584AT-5.0 SPX1584AU SPX1584AU-3.3 SPX1 |
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V 8A条低压差线性稳压器可调 4-Channel, 12-bit, 65MSPS ADC with Serial LVDS Interface 64-HTQFP 8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
|
Analog Devices, Inc. Atmel, Corp. SIPEX[Sipex Corporation]
|
CLM2830 CLM2830AT CLM2830AU |
3.0A Low Dropout Voltage Regulator Adjustable 1.2 V-ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3
|
CALOGIC LLC CALOGIC[Calogic, LLC] Calogic LLC
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SPX1580 SPX1580T5 SPX1580T5_TR SPX1580T5-2.5 SPX15 |
7A Ultra Dropout Voltage Regulator, 2% 7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed 7A Ultra Low Dropout Voltage Regulator Fast Response Adjustable & Fixed 122 x 32 pixel format, Compact LCD size 320 x 240 pixel format, CFL backlight available with power harness A超低压降稳压器快速响应,可调
|
SIPEX[Sipex Corporation] Analog Devices, Inc.
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|